PART |
Description |
Maker |
MAX19713 |
10-Bit, 45Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX19710ETN-T |
10-Bit, 7.5Msps, Full-Duplex, Analog Front-End SPECIALTY TELECOM CIRCUIT, QCC56 10-Bit, 7.5Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products, Inc.
|
FGP-1000 |
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
Z08611 Z8611 Z8601 Z8603 Z8613 |
Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
|
ZILOG[Zilog, Inc.]
|
HT82V46 |
16-Bit, 45MSPS, 3-Channel CCD/CIS Analog Signal Processor
|
Holtek Semiconductor Inc
|
CS6422-ISZ CDB6422 CS6422 CS6422-CS CS6422-CSZ CS6 |
Enhanced Full-Duplex Speakerphone IC
|
CIRRUS[Cirrus Logic]
|
SP490 SP490CN SP490CN_TR SP490CS SP490EN SP491CN_T |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
SP491CN-L |
Full Duplex RS-485 Transceivers
|
Exar Corporation
|
ADN4693EBRZ ADN4693EBRZ-RL7 EVAL-ADN469XEFDEBZ ADN |
3.3 V, 200 Mbps, Half- and Full-Duplex
|
Analog Devices
|
OTS-1VTR2ATR4DTR |
Optiva Standard, 1 Duplex Composite Video, 2 Duplex Audio and 4 Duplex RS-232/422/485 Data
|
Opticomm Corporation
|
OTS-1V2ATR1DTR1ETR |
Optiva Standard, 1 Composite Video, 2 Duplex Analog Audio,1 Duplex RS-232/422/485 and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|